Part Number Hot Search : 
LC75864E 14D431K L6232 C3040 580024 CS5524 SMBJ26A 40102
Product Description
Full Text Search
 

To Download UMV1C220MFD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MV
5mmL, Long Life Assurance
series
Extended load life of 5000 hours at +105C, with 5mm height. Adapted to the RoHS directive (2002/95/EC).
SV
Smaller
MT MF
Long Life
MV
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +105C 4 ~ 50V 0.1 ~ 100F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
4 0.37
6.3 0.28 4 8 14
10 0.24 6.3 4 10
16 0.20 10 3 7
25 0.16 16 2 5 25 2 3
35 0.13 35 2 3
50 0.12 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 5000 hours' application of rated voltage at 105C capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with silver color letter on dark brown sleeve.
Radial Lead Type
Type numbering system (Example : 25V 10F)
Bd
Sleeve (P.E.T.)
B D+0.5MAX.
UMV 1 E 1 0 0 M F D
P 0.5
1 2 3 4 5 6 7 8 9 10 11
BD
L+1MAX.
15 MIN
4 MIN
4 5 6.3 P 1.5 2.0 2.5 Bd 0.45 0.45 0.45
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 4 ~ 6.3 FD
10 1A 16 1C 25 1E 35 1V
Capacitance tolerance ( 20%) Rated Capacitance (10F) Rated voltage (25V) Series name Type
Configuration
Dimensions
Cap.(F) V Code
4 0G
6.3 0J
50 1H 4x5 4x5 4x5 4x5 4x5 4x5 4x5 5x5 6.3 x 5 1.0 2.6 3.2 3.8 6.2 11 14 19 30
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101
4x5 5x5 5x5 6.3 x 5
22 30 36 60
4x5 5x5 5x5 6.3 x 5
22 30 36 60
5x5 5x5 6.3 x 5
27 35 46
4x5 5x5 6.3 x 5 6.3 x 5
18 30 40 50
4x5 5x5 6.3 x 5 6.3 x 5
13 23 38 48
4x5 5x5 6.3 x 5
15 25 42
Case size D xL (mm)
Rated ripple
Rated Ripple (mArms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMV1C220MFD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X